PART |
Description |
Maker |
400MXC120MEFCSN25X25 450MXC100MEFCSN25X30 |
105 Standard, Snap-in Terminal Type
|
RUBYCON CORPORATION
|
4723 4728.0300 4723.0300 4723.0100 4725.0300 |
IEC AC Power Outlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER, SOCKET IEC AC Power Outlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Solder 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER, SOCKET IEC Appliance Outlet F Shuttered, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
|
SCHURTER AG Schurter Inc.
|
6110-4 6110.4330 6110.4120 6110.4230 |
IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Solder 10/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
Schurter Inc. SCHURTER AG
|
1608670000 |
Terminal Block; Wire Size (AWG):22-8; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
57.504.0055.0 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Gray; Current Rating:35A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 35 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
AA-1704-05 |
Krimptite Snap Spade Terminal
|
Molex Electronics
|
AA-1715-10 |
Krimptite Snap Spade Terminal
|
Molex Electronics
|
BB-1716-08 |
Krimptite Snap Spade Terminal, for 14-16 AWG Wire, Stud Size 8 (M4), 16.41mm(.646) Length Krimptite垄芒 Snap Spade Terminal, for 14-16 AWG Wire, Stud Size 8 (M4), 16.41mm(.646") Length
|
Molex Electronics Ltd.
|
0191150042 C-8710-06 |
Avikrimp Snap Spade Terminal for 10-12 AWG Wire
|
Molex Electronics Ltd.
|
|